Part Number Hot Search : 
MAX5942A 2SK4035 SDR3006 SMLJ60CA 85J4K5 ADP17210 31006 20PFI
Product Description
Full Text Search
 

To Download EIA1111-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EIA1111-6
UPDATED 12/06/2005
11.0-11.5 GHz 6-Watt Internally Matched Power FET
.060 MIN.
FEATURES
* * * * * * 11.0- 11.5GHz Bandwidth Input/Output Impedance Matched to 50 Ohms +37.5 dBm Output Power at 1dB Compression 10 dB Power Gain at 1dB Compression 35% Power Added Efficiency Hermetic Metal Flange Package
Excelics
EIA1111-6
YM SN
.094 .382
.060 MIN.
.650.008 .512
GATE
DRAIN
.319
.022
.045 .004
.070 .008
.129
ALL DIMENSIONS IN INCHES
ELECTRICAL CHARACTERISTICS (Ta = 25C)
SYMBOL P1dB G1dB G PAE Id1dB IDSS VP RTH PARAMETERS/TEST CONDITIONS1
Output Power at 1dB Compression f = 11.0-11.5GHz VDS = 8 V, IDSQ 1600mA Gain at 1dB Compression f = 11.0-11.5GHz VDS = 8 V, IDSQ 1600mA Gain Flatness f = 11.0-11.5GHz VDS = 8 V, IDSQ 1600mA Power Added Efficiency at 1dB Compression f = 11.0-11.5GHz VDS = 8 V, IDSQ 1600mA Drain Current at 1dB Compression Saturated Drain Current Pinch-off Voltage Thermal Resistance
3
Caution! ESD sensitive device. MIN
36.5 9.0
TYP
37.5 10.0
MAX
UNITS
dBm dB
0.6 35 1800 2800 -1.0 4.5 2100 3500 -2.5 5.0
o
dB % mA mA V C/W
f = 11.0-11.5GHz
VDS = 3 V, VGS = 0 V VDS = 3 V, IDS = 28 mA
2) S.C.L. = Single Carrier Level.
Note: 1) Tested with 100 Ohm gate resistor.
3) Overall Rth depends on case mounting.
ABSOLUTE MAXIMUM RATING1,2
SYMBOLS PARAMETERS Drain-Source Voltage Gate-Source Voltage Drain Current Forward Gate Current Reserve Gate Current Input Power Channel Temperature Storage Temperature Total Power Dissipation ABSOLUTE1 12 -5 IDSS 43.2mA -7.2mA 36.5dBm 175 C
o -65 to +175 C o
CONTINUOUS2 8V -3V 3.5A 14.4mA -2.4mA @ 3dB Compression 175 oC -65 to +175 oC 30W
Vds Vgs Ids Igsf Igsr Pin Tch Tstg Pt
30W
Note: 1. Exceeding any of the above ratings may result in permanent damage. 2. Exceeding any of the above ratings may reduce MTTF below design goals.
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 page 1 of 1 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com Revised December 2005


▲Up To Search▲   

 
Price & Availability of EIA1111-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X